Part Number Hot Search : 
07N60 RT1P141C ST330C16 ISP1506A LS3550 ECWF2474 LOL29K PI74A
Product Description
Full Text Search
 

To Download HE83005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
- Table of Contents 1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11. 12. 13. 14. 15. 16. 17. General Description ___________________________________________________________________2 Features _____________________________________________________________________________2 Internal Block ________________________________________________________________________3 Pin Description _______________________________________________________________________3 Oscillators ___________________________________________________________________________4 General Purpose I/O___________________________________________________________________5 Timer1 ______________________________________________________________________________6 Timer2 ______________________________________________________________________________7 Watch Dog Timer _____________________________________________________________________8 PWM & DAC ______________________________________________________________________9 Pad Diagram & Location____________________________________________________________12 Absolute Maximum Rating __________________________________________________________20 Recommended Operating Conditions _________________________________________________20 AC/DC Characteristics _____________________________________________________________20 Application Circuit_________________________________________________________________22 Important Note ____________________________________________________________________23 Updated History ___________________________________________________________________23
July 28, 2003
1
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
1. General Description
HE 83005 is a member of 8-bit micro-controller series developed by KingBillion. It's a power speech controller. The built-in OP comparator can be used with (lightvoicetemperaturehumility) sensor and used as battery low detection. And the 7-bit current-type D/A converter and PWM device provide the complete speech output mechanism. The 64K ROM size can be used in the storage of speech (20 seconds at 3Kbytes per second) The instruction set of HE83005 are quite easy to learn and simple to use. Only about thirty instructions with four-type addressing mode are provided. Most of instructions take only 3 oscillator clocks (machine cycles). The processing power is enough to most of battery operation system.
2. Features
2.4V - 5.5V DC ~ 8MHz @ 5.0V DC ~ 4MHz @ 2.4V Internal ROM 64K Bytes (64K Program ROM) Internal RAM 128 Bytes. Dual Clock System Normal (Fast) clock 32.768K ~ 8MHz Slow clock 32.768KHz Operation Mode DUALFASTSLOWIDLESLEEP Mode. With WDT (WATCH DOG TIMER) to prevent deadlock condition.. 16 bit Bi-directional I/O port. Mask Option can select PUSH-PULL or OPEN DRAIN output mode for each I/O pin. One built-in OP comparator. One 7-bit current-type DAC output (VO). PWM device. Two external interrupts and two internal timer interrupts. Two 16-bit timers. (Clock Source reference by Fast Clock) Instruction set 32 instructions, 4 addressing mode. Operation Voltage System Clock
July 28, 2003
2
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
3. Internal Block
Please always take in mind that ICE is different from IC. ICE is the whole set of HE80000 series IC, but each IC is a subset of ICE. Never use any hardware resource that real IC didn't have, especially RAM and register. KBIDS and compiler cannot prevent user to use some hardware resource that didn't exist. Please check the following table and refer the abbreviation in HE80000 user's manual. 8 Bit CPU 64KB ROM 128B RAM TC1 TC2 WDT OP Amp
OPO, OPIN, OPIP
Fast Clock OSC. Slow Clock OSC PWM
FXI, FXO
SXI, SXO
PWM/PWMN
DAC
VO
I/O Port
PRTC[7:0], PRTD[7:0]
4. Pin Description
Pin Name I/O
FXI, FXO SXI, SXO RSTP_N TSTP_P PRTC[7:0] B, O I, O I I B
Description
External fast clock pin. Two types of oscillator can be selected by MO_FXTAL (`0' for RC type and `1' for crystal type). For RC type oscillator, one resistor needs to be connected between FXI and GND. For crystal oscillator, one crystal needs to be placed between FXI and FXO. Please refer to application circuit for details. External slow clock pins. Slow clock is clock source for LCD display, TIMER1, Time-Base and other internal blocks. Both crystal and RC oscillator are provided. The slow clock type can be selected by mask option MO_SXTAL. Choose `0' for RC type and `1' for crystal oscillator. System reset input pin. Level trigger, active low on this pin will put the chip in reset state. Test input pin. Please bond this pad and reserve a test point on PCB for debugging. But for improving ESD, please connect this point with zero Ohm resistor to GND. 8-bit bi-directional I/O port C. The output type of I/O pad can also be selected by mask option MO_CPP[7: 0] (`1' for push-pull and `0' for open-drain). As the output structure of I/O pad does not contain tri-state buffer. When using the I/O as input, `1' must be outputted before reading the pin. 8-bit bi-directional I/O port D. The output type of I/O pad can also be selected by mask option MO_DPP[7: 0] (`1' for push-pull and `0' for open-drain). As the output structure of I/O pad does not contain tri-state buffer. When using the I/O as input, `1' must be outputted before reading the pin. PRTD[7..2] can be used as wake-up pins. PRTD[7..6] can be as external interrupt sources. PRTD[1..0] general I/O bi-direction pins. The PWM output can drive speaker or buzzer directly. Using PWMP & PWMN to drive output
PRTD[7:0]
B
PWMP/PWMN O
July 28, 2003
3
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd
Pin Name I/O
device.


HE83005
HE80000 SERIES
Description
Current DAC Output. Inverting input of OP Amp. Non-inverting input of OP Amp. Output of OP Amp. Positive power Input. A 0.1 F decoupling capacitors should be placed as close to IC VDD P VDD and GND pads as possible for best decoupling effect. P Power ground Input. GND I: Input, O: Output, B: Bidirectional, P: Power. VO OPIN OPIP OPO
O I I O
5. Oscillators
The MCU is equipped with two clock sources with a variety of selections on the types of oscillators to choose from. System designer can select oscillator types based on the cost target, timing accuracy requirements etc. Crystal, Resonator or the RC oscillator can be used as fast clock source, components should be placed as close to the pins as possible. The type of oscillator used is selected by mask option MO_FXTAL. FXI (Bi-direction), FXO (Output)
FXI
10P
X'tal
VDD
R
FXO
10P
FXI
C
Mask Option MO_FXTAL MO_FCK
Description 0: RC Oscillator. 1: Crystal Oscillator. 0: Fast clock disable 1: Fast clock enable
SXI (Bi-direction), SXO (Output)
Two types of oscillator, crystal and RC, can be used as slow clock selectable by mask option MO_SXTAL. If used time keeping function or other applications that required the accurate timing, crystal oscillator is recommended. If the timing accuracy is not important, then RC type oscillator can be used to save cost.
July 28, 2003
4
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

SXI SXI

HE83005
HE80000 SERIES
SXO Crystal Osc.
SXO
RC Osc.
Mask Option MO_SXTAL MO_SCKN
Description 0: RC Oscillator. 1: Crystal Oscillator. 0: Slow clock enable 1: Slow clock disable
With two clock sources available, the system can switch among operation modes of Normal, Slow, Idle, and Sleep modes by the setting of OP1 and OP2 registers as shown in tables below to suit the needs of application such as power saving, etc. OP1 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 DRDY STOP SLOW INTE T2E T1E Z C Field R/W R/W R/W R/W R/W R/W R/W R/W Mode 1 0 0 0 0 0 Reset OP2 Field Mode Reset Bit 7 IDLE R/W 0 Bit 6 PNWK R Bit 5 TCWK R Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
6. General Purpose I/O
The PRTC[7..0] and PRTD[7..0] are dedicated general purpose I/O port. All the I/O ports are bi-directional and non-tristate output structure. The output has weak sourcing (50A) and stronger sinking (1mA) capability and each can be configured as push-pull or open-drain output structure individually by mask option. When the I/O port is used as input, the weakly high sourcing can be used as weakly pull-up. Open drain can be used if the pull-up is not required and let the external driver to drive the pin. Please note that a floating pad could cause more power consumption since the noise could interfere with the circuit and cause the input to toggle. A `1' needs to be written to port first before reading the input data from the I/O pin. If the PMOS is used as pull-up, care should be taken to avoid the constant power drain by DC path between pull-up and external circuit. The input port has built-in Schmidt trigger to prevent it from chattering. The hysteresis level of Schmidt trigger is 1/3*VDD.
July 28, 2003
5
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

VDD
HE83005
HE80000 SERIES
VDD
DOUT
Q LATCH Q' MO_?PP
PAD
DIN SCHMIDT Trigger input
7. Timer1
The Timer1 consists of two 8-bit write-only preload registers T1H and T1L and 16-bit down counter. If Timer1 is enabled, the counter will decrement by one with each incoming clock pulse. Timer1 interrupt will be generated when the counter underflows - counts down to FFFFH. And the counter will be automatically reloaded with the value of T1H and T1L. The clock source of Timer1 is derived from slow clock "SCK" at dual clock or slow clock only mode. And it comes from the fast clock "FCK" at fast clock only mode. Please note that the interrupt is generated when counter counts from 0000H to FFFFH. If the value of T1H and T1L is N, and count down to FFFFH, the total count is N+1. The content of counter is zero when system resets. Once it is enabled to count at this moment, interrupt will be generated immediately and value of T1H and T1L will be loaded since it counts to FFFFH. So the T1H and T1L value should be set before enabling Timer1. The Timer1 related control registers are list as below:
Register IER T1L T1H OP1 Address 0x02 0x03 0x04 0x09 Field TC1_IER T1L[7:0] T1H[7:0] TC1E Bit position 2 7~0 7~0 2 Mode R/W W W R/W Description 0: TC1 interrupt is disabled. (default) 1: TC1 interrupt is enabled. Low byte of TC1 pre-load value High byte of TC1 pre-load value 0: TC1 is disabled. (default) 1: TC1 is enabled.
July 28, 2003
6
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
The contents of T1H and T1L are almost loaded into Timer1 immediately when Timer1 is enabled after reset.
T1H
T1L
Auto reload when Timer1 is underflow
< Timer1 Counter > Decreases 1
No
Count To 0xFFFFh
Yes Timer1 Interrupt Request T1_INT
8. Timer2
Timer2 is similar in structure to Timer1 except that clock source of Timer2 comes from the system clock "Fsys"/1.5. The system clock "Fsys" varies depending on the operation modes of the MCU. The Timer2 consists of two 8-bit write-only preload registers T2H and T2L and 16-bit down counter. If Timer2 is enabled, counter will decrement by one with each incoming clock pulse. Timer2 interrupt will be generated when the counter underflows - counts down to FFFFH. And it will be automatically reloaded with the value of T2H and T2L. Please note that the interrupt signal is generated when counter counts from 0000H to FFFFH. If the value of counter is N, and count down to FFFFH, the total count is N+1. The content of counter is zero when system resets. Once it is enabled to count at this time, the interrupt will be generated immediately and value of T2H and T2L will be loaded since the counter counts to FFFFH. So the T2H and T2L value should be set before enabling Timer2. The Timer2 related control registers are list as below:
Register
IER T2L T2H OP1
Address 0x02 0x05 0x06 0x09
Field TC2_IER T2L[7:0] T2H[7:0] TC2E
Bit Position 1 7~0 7~0 3
Mode R/W W W R/W
Description 0: TC2 interrupt is disabled. (default) 1: TC2 interrupt is enabled. Low byte of TC2 pre-load value High byte of TC2 pre-load value 0: TC2 is disabled. (default) 1: TC2 is enabled.
July 28, 2003
7
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
The contents of T2H and T2L are almost loaded into Timer2 immediately when Timer2 is enabled after reset.
T2H
T2L
Auto reload when Timer2 is underflow
< Timer2 Counter > Decreases 1
No
Count To 0xFFFFh
Timer2 Interrupt Request
Yes
T2_INT
9. Watch Dog Timer
Watch Dog Timer (WDT) is designed to reset system automatically prevent system dead lock caused by abnormal hardware activities or program execution. WDT needs to be enabled in Mask Option. MO_WDTE 0 1 Function WDT disable WDT enable
To use WDT function, "CLRWDT" instruction needs to be executed in every possible program path when the program runs normally in order to clears the WDT counter before it overflows, so that the program can operate normally. When abnormal conditions happen to cause the MCU to divert from normal path, the WDT counter will not be cleared and reset signal will be generated. WDT is the enabling signal generated by calculating 32768-clock overflow. Reset Register content is same as TC1 (Timer1 clock), which uses the same clock count source. WDT function can be generated in Normal, Slow and Idle Mode. However, WDT will not function during Sleep Mode (as the TC1 clock has stopped.)
July 28, 2003
8
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
10. PWM & DAC
The current DAC output pin is VO and its primary function is intended for speech generation, but the DAC output path can be used in conjunction with built-in OP comparator to function as an Analog-to-Digital Converter for applications such as speech recording, speech recognition or sensor interfaces.
7-bit Voice Output Architecture
VOC[2]
#reset
PWM Command Register PWMC_REG[6..4] PWM Driver #reset PWMP PWMN
PWMC[6..0] PWMC[7] Write_Strobe
clk
PWMC_ REG[0]
clk
Fast_clock VOC[2]
7-bit PWM Data Register
PWMO_REG[6..0]
DAC
VO
clk
VOC[1]
The 7-bit voice output is controlled by PWMC and VOC register, and the PWMC is a command/data register which is determined by PWMC[7] bit. The voice output control (VOC) register is used to control the PWM and DAC enable/disable. These two functions can be enabled simultaneously. VOC Field Reset address 0x13 Bit 7 Bit VOC[2] VOC[1] Bit 6 Name PWM DAC Bit 5 Value 1 0 1 0 Bit 4 Bit 3 Bit 2 PWM 0 Bit 1 DAC 0 Bit 0 Reserved 0
Function description PWM Module Enable PWM Module Disable Digital-to-Analog Converter Enable Digital-to-Analog Converter Disable
July 28, 2003
9
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
VOC
VOC[2] 0 0 1 1 VOC[1] 0 1 0 1 Output Function All Disabled VO PWM PWM+VO
PWMC register DAC & PWM Data Control
Bit 7 0 1
Bit 6
Bit 4 Bit 3 Bit 2 DAC and PWM output value PWM O/P driver Reserved
Bit 5
Bit 1
Bit 0 PWME
In the PWMC register, the PWMC[7] bit determines the written PWMC[6..0] value is PWM/DAC data or commands. If the PWMC[1] is `0', the PWMC[6..0] is stored into the data register, otherwise PWMC[6..0] is stored into command register shown on the above diagram. The command register controls the PWM output driver current and its enable/disable. If user want to enable the PWM function, both VOC[2] and PWME bits shall be set to `1'.
The fast clock is used to provide as PWM driver time base, and user shall set the PWMC[7]='1' and VOC[2]='1' to enable the PWM output. When the system enters into sleep or idle mode, it will automatically turn off the voice device by clearing VOC[2:0] to "000". In order to activate voice output again when the system returns and enters into normal mode, the related bits of VOC register need to be set again.
PWM Data=0x40h
Data=0x10h
Data=0x70h subframe
When the DAC is used as sound generator, the bias & filter circuit is used for bias voltage setting and waveform filter regulation and the DAC is output to the VO (Voice Output) pin and please see application notes for detailed calculation example and application. The driving capability of DAC is shown below. Condition July 28, 2003 10 Min. Typ. Max. Unit V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd
VO/DAO 2.5 3 VDD=3V;VO=0~2V;Data=7Fh
HE83005
HE80000 SERIES mA
VDD
CPU
VO(DAO)
bias & filter circuit
SPEAKER
The PWM output volume can be adjusted by command register PWMC[6..4]. The PWMC[6] and PWMC[5] control 2 time driver, while PWMC [4] controls 1 time driver, thus it has maximum 5 levels of driver output. The sound volume of PWM output can be controlled by these PWMC[6..4] bits. Please note that this adjustment only apply to PWM. When the system enters into sleep mode or idle mode, it will automatically disable all voice outputs by clearing VOC[6..0] to "0000000". To activate voice output again when returning to normal mode, the VOC register needs to be set again. PWMC[6..4] Number of PWM Output Driver 000 off 001 1 010 2 011 3 100 2 101 3 110 4 111 5
July 28, 2003
11
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
11. Pad Diagram & Location
Which version of HE83005 delivered to customer is decided by KingBillion, user shall make sure the delivered version before PCB is manufactured. The locations of chips logo are different from each other. A1 VersionDie Size= 2050 m * 2180 m
July 28, 2003
12
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
A1 Version HE83005 PIN Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 PIN Name PRTD[3] PRTD[2] PRTD[1] PRTD[0] PRTC[7] PRTC[6] PRTC[5] PRTC[4] PRTC[3] PRTC[2] PRTC[1] PRTC[0] PWMP PWMN GND VO OPIN OPIP OPO RSTP_N FXO FXI TSTP_P SXO SXI VDD PRTD[7] PRTD[6] PRTD[5] PRTD[4] X Coordinate X= -923.95 X= -923.95 X= -923.95 X= -923.95 X= -923.95 X= -923.95 X= -923.95 X= -923.95 X= -895.15 X= -682.35 X= -499.15 X= -286.35 X= -89.35 X= 122.25 X= 319.05 X= 934.70 X= 934.70 X= 934.70 X= 934.70 X= 934.70 X= 934.70 X= 934.70 X= 934.70 X= 391.15 X= 206.35 X= 22.85 X= -160.15 X= -373.00 X= -556.20 X= -769.00 Y Coordinate Y= 646.60 Y= 433.80 Y= 250.60 Y= 37.80 Y= -145.40 Y= -331.80 Y= -515.00 Y= -701.40 Y= -992.85 Y= -992.85 Y= -992.85 Y= -992.85 Y= -992.85 Y= -992.85 Y= -992.85 Y= -890.70 Y= -707.90 Y= -524.40 Y= -341.60 Y= -158.10 Y= 24.70 Y= 208.85 Y= 392.65 Y= 990.00 Y= 990.00 Y= 990.00 Y= 990.00 Y= 990.00 Y= 990.00 Y= 990.00
July 28, 2003
13
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
A2 VersionDie Size= 1980 m * 2210 m
July 28, 2003
14
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
A2 Version HE83005 PIN Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 PIN Name PRTD[3] PRTD[2] PRTD[1] PRTD[0] PRTC[7] PRTC[6] PRTC[5] PRTC[4] PRTC[3] PRTC[2] PRTC[1] PRTC[0] PWMP PWMN GND VO OPIN OPIP OPO RSTP_N FXO FXI TSTP_P SXO SXI VDD PRTD[7] PRTD[6] PRTD[5] PRTD[4] X= X= X= X= X= X= X= X= X= X= X= X= X= X= X= X= X= X= X= X= X= X= X= X= X= X= X= X= X Coordinate X= -885.80 -885.80 -885.80 -885.80 -885.80 -885.80 -885.80 -885.80 -855.75 -642.95 -459.75 -246.95 -48.75 162.85 361.45 884.20 884.20 884.20 884.20 884.20 884.20 884.20 884.20 329.75 147.50 -36.60 -220.20 -433.00 -616.20 Y= Y Coordinate 543.30 Y= 330.50 Y= 147.30 Y= -65.50 Y= -248.70 Y= -435.10 Y= -618.30 Y= -804.70 Y= -1002.00 Y= -1002.00 Y= -1002.00 Y= -1002.00 Y= -1002.00 Y= -1002.00 Y= -1002.00 Y= -826.30 Y= -632.30 Y= -448.20 Y= -264.20 Y= -80.40 Y= 103.00 Y= 287.45 Y= 471.25 Y= 1002.00 Y= 1002.00 Y= 1002.00 Y= 1002.00 Y= 1002.00 Y= 1002.00 Y= 1002.00
X= -829.00
July 28, 2003
15
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd
C VersionDie Size= 1970 m * 2170 m
HE83005
HE80000 SERIES
July 28, 2003
16
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
PIN Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
C Version HE83005 PIN Name X Coordinate PRTD[3] PRTD[2] PRTD[1] PRTD[0] PRTC[7] PRTC[6] PRTC[5] PRTC[4] PRTC[3] PRTC[2] PRTC[1] PRTC[0] PWMP PWMN GND VO OPIN OPIP OPO RSTP_N FXO FXI TSTP_P SXO SXI VDD PRTD[7] PRTD[6] PRTD[5] PRTD[4] X= -1057.45 X= -1057.45 X= -1057.45 X= -1057.45 X= -1057.45 X= -1057.45 X= -1057.45 X= -1057.45 X= -1052.90 X= -874.30 X= -696.50 X= -517.90 X= -332.30 X= -126.40 X= 59.20 X= 709.15 X= 709.15 X= 709.15 X= 709.15 X= 709.15 X= 709.15 X= 709.15 X= 709.15 X= 240.70 X= 62.90 X= -115.70 X= -293.50 X= -472.10 X= -649.90 X= -828.50
Y Coordinate Y= 742.30 Y= 564.50 Y= 385.90 Y= 208.10 Y= 29.50 Y= -148.30 Y= -326.90 Y= -504.70 Y= -1058.50 Y= -1058.50 Y= -1058.50 Y= -1058.50 Y= -1058.50 Y= -1058.50 Y= -1058.50 Y= -803.20 Y= -625.40 Y= -446.80 Y= -269.00 Y= -90.40 Y= 87.40 Y= 266.00 Y= 443.80 Y= 909.10 Y= 909.10 Y= 909.10 Y= 909.10 Y= 909.10 Y= 909.10 Y= 909.10
July 28, 2003
17
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd
D1 Version: Die Size= 1970 m * 2280 m Logo location
HE83005
HE80000 SERIES
July 28, 2003
18
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
PIN Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
D1 Version HE83005 PIN Name X Coordinate PRTD[3] X= -921.50 PRTD[2] X= -921.50 PRTD[1] X= -921.50 PRTD[0] X= -921.50 PRTC[7] X= -921.50 PRTC[6] X= -921.50 PRTC[5] X= -921.50 PRTC[4] X= -921.50 PRTC[3] X= -804.25 PRTC[2] X= -649.25 PRTC[1] X= -494.25 PRTC[0] X= -339.25 PWMP X= -130.20 PWMN X= 31.20 GND X= 164.20 VO X= 905.40 OPIN X= 905.40 OPIP X= 905.40 OPO X= 905.40 RSTP_N X= 905.40 FXO X= 905.40 FXI X= 905.40 TSTP_P X= 905.40 SXO X= 217.25 SXI X= 64.15 VDD X= -82.95 PRTD[7] X= -233.45 PRTD[6] X= -383.45 PRTD[5] X= -533.45 PRTD[4] X= -683.45
Y Coordinate Y= 318.40 Y= 193.40 Y= 68.40 Y= -57.10 Y= -175.10 Y= -293.15 Y= -418.15 Y= -556.05 Y= -1070.65 Y= -1070.65 Y= -1070.65 Y= -1070.65 Y= -1070.65 Y= -1070.65 Y= -1070.65 Y= -807.85 Y= -677.85 Y= -547.85 Y= -314.60 Y= -184.60 Y= -55.10 Y= 170.70 Y= 305.70 Y= 1064.65 Y= 1069.45 Y= 1069.35 Y= 1069.35 Y= 1069.35 Y= 1069.30 Y= 1069.35
July 28, 2003
19
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
12. Absolute Maximum Rating
Item Symbol Rating Condition Supply Voltage VDD -0.5V ~ 7.0V Input Voltage VIN -0.5V ~ VDD +0.5V Output Voltage Vo -0.5V ~ VDD +0.5V 0 ~ 70 Operating Temperature Top -50 ~ 100 Storage Temperature Tst
13. Recommended Operating Conditions
Item Supply Voltage Input Voltage Operating Frequency Operating Temperature Storage Temperature Symbol Rating Condition VDD 2.4V ~ 5.56V VIH 0.9 VDD ~ VDD VIL 0.0V ~ 0.1 VDD 8M Hz VDD =5.0V Fmax. 4M Hz VDD =2.4V 0 0 Top 0 C ~ 70 C Tst -500C ~ 1000C
14. AC/DC Characteristics
Testing Condition: TEMP=25, VDD=3V10% PARAMETER CONDITION MIN TYP MAX UNIT NORMAL Mode Current System 2M ext. R/C 0.75 1 mA IFast System 32.768K X'tal 6 9 A ISlow SLOW Mode Current IDLE Mode Current System 32.769K X'tal 4 7 A IIdle Sleep Mode Current System 1 A ISleep *2 12 15 mA IoHPWM PWM Output Drive Current PWMP, PWMN VDD=3V; VOH=2V *2 33 40 mA IoLPWM PWM Output Sink Current PWMP, PWMN VDD=3V; VOL=1V VO VDD=3V;VO=0~2V,Data=7F 2.5 3 mA IoVO DAC Output Current 0.8 Input High Voltage I/O pins V ViH VDD 0.2 Input Low Voltage I/O pins V ViL VDD Threshold=2/3VDD(input from low to high) 1/3 Input Hysteresis Width I/O, RSTP_N Vhys V Threshold=1/3VDD(input VDD from high to low) *1 VOL=2.0V 50 A Output Drive Current I/O pull-high IOH July 28, 2003 20 V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd
IOL_1 IIL_1 IIL_2 Output Sink Current Input Low Current Input Low Current 1.0 I/O pull-low*1 RSTP_N I/O VOL=0.4V VIL=GND, pull high Internally VIL=GND, if pull high Internally by user
HE83005
HE80000 SERIES mA 20 100 A A
Note: *1: Drive Current Spec. for Push-Pull I/O port only Sink Current Spec. for both Push-Pull and Open-Drain I/O port. *2: This Spec. base on one driver only. There are five build-in drivers, so users just multiply the number of driver he used to one driver current to get the total amount of current. ( IoHPWMIoLPWM * N; N=0,1,2,3,4,5)
July 28, 2003
21
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
15. Application Circuit
VDD VDD R1 50K RSTP_N C3 0.1uF SW1 RESET GND FXI FXO SXI SXO PRTD[7:0] PRTC[7:0]
No External Parts is necessary if user adopt Internal Fast RC Clock
FXI FXO SXI SXO 2MHZ FXO 20P
External Fast Clock: Crystal osc.
FXI 20P
BATTERY 1
3V
C1
C2
0.1uF 100uF
External Fast Clock: RC osc.
VDD
R > 8.2 KOhm OPIN OPIP OPO FXI C: Please Ref . AN016
PWMP PWMN
Buzzer or Speaker Circuit Passive Bias & Filter Circuit
External Slow Clock: Crystal osc.
VDD SP1 32.768K Q1 NPN SPEAKER SXO 20P SXI 20P
VO
TSTP_P
Please Refer AN022 for Speech Output Circuit
External Slow Clock: RC osc.
SXI R: Please ref . AN016
HE83005
SXO
July 28, 2003
22
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.
King Billion Electronics Co., Ltd

HE83005
HE80000 SERIES
16. Important Note
1. Please note the ICE is a superset of HE80000 series IC. Each member of the family only has parts of all resources. Do not use any hardware resource that your target chip doesn't have, for example, RAM and register. KBIDS and compiler can't prevent user from using some hardware resources that don't exist in your target chip. Please bond the TSTP_P, RSTP_N and PRTD [7:0] with test points on PCB (can be soldered and probed) as you can, then some testing can be performed on PCB when it's necessary. The TSTP_P is suggested to connect to ground by a 0 ohm resistor. Users should turn off the PWM and DAC function by firmware before the system enters into the sleep and idle modes. Otherwise, there are some current leakages in the PWM/DAC circuit, and the current will be large in the sleep and idle mode.
2.
3.
17. Updated History
Version Date New Content V3.3 12/17/01 Change the operation voltage from 2.2V to 2.4V. Modify the datasheet format and add the bonding pad diagram and coordination for V3.4 07/28/03 each version.
July 28, 2003
23
V3.4
This specification is subject to change without notice. Please contact sales person for the latest version before use.


▲Up To Search▲   

 
Price & Availability of HE83005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X